Part Number Hot Search : 
30MD61 CRB32E1 LTC4065L 2SA854S 30P124 245W042 GM9015 WRB1215
Product Description
Full Text Search
 

To Download TJA1050TD-T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  d a t a sh eet product speci?cation supersedes data of 2002 may 16 2003 oct 22 integrated circuits tja1050 high speed can transceiver
2003 oct 22 2 philips semiconductors product speci?cation high speed can transceiver tja1050 features fully compatible with the iso 11898 standard high speed (up to 1 mbaud) very low electromagnetic emission (eme) differential receiver with wide common-mode range for high electromagnetic immunity (emi) an unpowered node does not disturb the bus lines transmit data (txd) dominant time-out function silent mode in which the transmitter is disabled bus pins protected against transients in an automotive environment input levels compatible with 3.3 v and 5 v devices thermally protected short-circuit proof to battery and to ground at least 110 nodes can be connected. general description the tja1050 is the interface between the controller area network (can) protocol controller and the physical bus. the device provides differential transmit capability to the bus and differential receive capability to the can controller. the tja1050 is the third philips high-speed can transceiver after the pca82c250 and the pca82c251. the most important differences are: much lower electromagnetic emission due to optimal matching of the output signals canh and canl improved behaviour in case of an unpowered node no standby mode. this makes the tja1050 eminently suitable for use in nodes that are in a power-down situation in partially powered networks. quick reference data ordering information symbol parameter conditions min. max. unit v cc supply voltage 4.75 5.25 v v canh dc voltage at pin canh 0 < v cc < 5.25 v; no time limit - 27 +40 v v canl dc voltage at pin canl 0 < v cc < 5.25 v; no time limit - 27 +40 v v i(dif)(bus) differential bus input voltage dominant 1.5 3 v t pd(txd-rxd) propagation delay txd to rxd v s = 0 v; see fig.7 - 250 ns t vj virtual junction temperature - 40 +150 c type number package name description version tja1050t so8 plastic small outline package; 8 leads; body width 3.9 mm sot96-1 tja1050u - bare die; die dimensions 1700 1280 380 m m -
2003 oct 22 3 philips semiconductors product speci?cation high speed can transceiver tja1050 block diagram handbook, full pagewidth 30 m a 200 m a mgs374 txd dominant time-out timer 1 8 3 receiver 4 reference voltage 5 driver temperature protection 2 7 6 v cc v cc v cc canh canl gnd gnd gnd gnd v ref rxd s txd tja1050 25 k w 25 k w 0.5v cc fig.1 block diagram. pinning symbol pin description txd 1 transmit data input; reads in data from the can controller to the bus line drivers gnd 2 ground v cc 3 supply voltage rxd 4 receive data output; reads out data from the bus lines to the can controller v ref 5 reference voltage output canl 6 low-level can bus line canh 7 high-level can bus line s 8 select input for high-speed mode or silent mode handbook, halfpage 1 2 3 4 8 7 6 5 mgs375 tja1050t s canh gnd canl v ref rxd v cc txd fig.2 pin configuration.
2003 oct 22 4 philips semiconductors product speci?cation high speed can transceiver tja1050 functional description the tja1050 is the interface between the can protocol controller and the physical bus. it is primarily intended for high-speed automotive applications using baud rates from 60 kbaud up to 1 mbaud. it provides differential transmit capability to the bus and differential receiver capability to the can protocol controller. it is fully compatible to the iso 11898 standard. a current-limiting circuit protects the transmitter output stage from damage caused by accidental short-circuit to either positive or negative supply voltage, although power dissipation increases during this fault condition. a thermal protection circuit protects the ic from damage by switching off the transmitter if the junction temperature exceeds a value of approximately 165 c. because the transmitter dissipates most of the power, the power dissipation and temperature of the ic is reduced. all other ic functions continue to operate. the transmitter off-state resets when pin txd goes high. the thermal protection circuit is particularly needed when a bus line short-circuits. the pins canh and canl are protected from automotive electrical transients (according to iso 7637 ; see fig.4). control pin s allows two operating modes to be selected: high-speed mode or silent mode. the high-speed mode is the normal operating mode and is selected by connecting pin s to ground. it is the default mode if pin s is not connected. however, to ensure emi performance in applications using only the high-speed mode, it is recommended that pin s is connected to ground. in the silent mode, the transmitter is disabled. all other ic functions continue to operate. the silent mode is selected by connecting pin s to v cc and can be used to prevent network communication from being blocked, due to a can controller which is out of control. a txd dominant time-out timer circuit prevents the bus lines being driven to a permanent dominant state (blocking all network communication) if pin txd is forced permanently low by a hardware and/or software application failure. the timer is triggered by a negative edge on pin txd. if the duration of the low-level on pin txd exceeds the internal timer value, the transmitter is disabled, driving the bus into a recessive state. the timer is reset by a positive edge on pin txd. table 1 function table of the can transceiver; x = dont care v cc txd s canh canl bus state rxd 4.75 v to 5.25 v low low (or ?oating) high low dominant low 4.75 v to 5.25 v x high 0.5v cc 0.5v cc recessive high 4.75 v to 5.25 v high (or ?oating) x 0.5v cc 0.5v cc recessive high <2 v (not powered) x x 0 v < v canh 2 v x 0 v < v canh 2003 oct 22 5 philips semiconductors product speci?cation high speed can transceiver tja1050 limiting values in accordance with the absolute maximum rating system (iec 60134). all voltages are referenced to gnd (pin 2). positive currents ?ow into the ic. notes 1. the waveforms of the applied transients shall be in accordance with iso 7637 part 1 , test pulses 1, 2, 3a and 3b (see fig.4). 2. human body model: c = 100 pf and r = 1.5 k w . 3. machine model: c = 200 pf, r = 10 w and l = 0.75 m h. 4. in accordance with iec 60747-1 . an alternative definition of t vj is: t vj =t amb +p r th(vj-a) , where r th(vj-a) is a fixed value to be used for the calculation of t vj . the rating for t vj limits the allowable combinations of power dissipation (p) and ambient temperature (t amb ). thermal characteristics according to iec 60747-1. quality specification quality specification snw-fq-611 part d is applicable. symbol parameter conditions min. max. unit v cc supply voltage - 0.3 +6 v v canh dc voltage at pin canh 0 < v cc < 5.25 v; no time limit - 27 +40 v v canl dc voltage at pin canl 0 < v cc < 5.25 v; no time limit - 27 +40 v v txd dc voltage at pin txd - 0.3 v cc + 0.3 v v rxd dc voltage at pin rxd - 0.3 v cc + 0.3 v v ref dc voltage at pin v ref - 0.3 v cc + 0.3 v v s dc voltage at pin s - 0.3 v cc + 0.3 v v trt(canh) transient voltage at pin canh note 1 - 200 +200 v v trt(canl) transient voltage at pin canl note 1 - 200 +200 v v esd electrostatic discharge voltage at all pins note 2 - 4000 +4000 v note 3 - 200 +200 v t stg storage temperature - 55 +150 c t vj virtual junction temperature note 4 - 40 +150 c symbol parameter conditions value unit r th(vj-a) thermal resistance from junction to ambient in so8 package in free air 145 k/w r th(vj-s) thermal resistance from junction to substrate of bare die in free air 50 k/w
2003 oct 22 6 philips semiconductors product speci?cation high speed can transceiver tja1050 characteristics v cc = 4.75 v to 5.25 v; t vj = - 40 c to +150 c; r l =60 w unless speci?ed otherwise; all voltages are referenced to gnd (pin 2); positive currents ?ow into the ic; see notes 1 and 2. symbol parameter conditions min. typ. max. unit supply (pin v cc ) i cc supply current dominant; v txd =0v255075ma recessive; v txd =v cc 2.5 5 10 ma transmitter data input (pin txd) v ih high-level input voltage output recessive 2.0 - v cc + 0.3 v v il low-level input voltage output dominant - 0.3 - +0.8 v i ih high-level input current v txd =v cc - 50 +5 m a i il low-level input current v txd =0v - 100 - 200 - 300 m a c i input capacitance not tested - 510pf mode select input (pin s) v ih high-level input voltage silent mode 2.0 - v cc + 0.3 v v il low-level input voltage high-speed mode - 0.3 - +0.8 v i ih high-level input current v s = 2 v 20 30 50 m a i il low-level input current v s =0.8v 153045 m a receiver data output (pin rxd) i oh high-level output current v rxd = 0.7v cc - 2 - 6 - 15 ma i ol low-level output current v rxd = 0.45 v 2 8.5 20 ma reference voltage output (pin v ref ) v ref reference output voltage - 50 m a 2003 oct 22 7 philips semiconductors product speci?cation high speed can transceiver tja1050 notes 1. all parameters are guaranteed over the virtual junction temperature range by design, but only 100 % tested at 125 c ambient temperature for dies on wafer level and in addition to this 100 % tested at 25 c ambient temperature for cased products, unless speci?ed otherwise. 2. for bare die, all parameters are only guaranteed if the backside of the bare die is connected to ground. i o(sc)(canh) short-circuit output current at pin canh v canh =0v;v txd =0v - 45 - 70 - 95 ma i o(sc)(canl) short-circuit output current at pin canl v canl =36v; v txd =0v 45 70 100 ma v i(dif)(th) differential receiver threshold voltage - 12v 2003 oct 22 8 philips semiconductors product speci?cation high speed can transceiver tja1050 application and test information handbook, full pagewidth mgs380 v cc v ref rxd tja1050 60 w 60 w 60 w 60 w canh can bus line canl sja1000 can controller micro- controller 7 6 8 2 gnd s 4 5 txd rx0 tx0 1 3 100 nf 47 nf 47 nf + 5 v fig.3 application information. handbook, full pagewidth mgs379 v cc v ref rxd tja1050 1 nf transient generator 1 nf canh canl 7 6 8 2 gnd s 15 pf 4 5 txd 1 3 100 nf + 5 v fig.4 test circuit for automotive transients. the waveforms of the applied transients shall be in accordance with iso 7637 part 1 , test pulses 1, 2, 3a and 3b.
2003 oct 22 9 philips semiconductors product speci?cation high speed can transceiver tja1050 handbook, full pagewidth mgs378 v rxd high low hysteresis 0.5 0.9 v i(dif)(bus) (v) fig.5 hysteresis of the receiver. handbook, halfpage mgs376 v cc v ref rxd tja1050 r l 60 w c l 100 pf canh canl 7 6 8 2 gnd s 15 pf 4 5 txd 1 3 100 nf + 5 v fig.6 test circuit for timing characteristics.
2003 oct 22 10 philips semiconductors product speci?cation high speed can transceiver tja1050 handbook, full pagewidth mgs377 t d(txd-buson) t pd ( txd-rxd ) t pd ( txd-rxd ) 0.3v cc 0.7v cc 0.9 v 0.5 v high low canh txd rxd canl v i(dif)(bus) (1) high recessive (bus off) dominant (bus on) low t d(txd-busoff) t d(buson-rxd) t d(busoff-rxd) fig.7 timing diagram for ac characteristics. (1) v i(dif)(bus) =v canh - v canl . handbook, full pagewidth mgt229 6.2 k w 6.2 k w 30 w 30 w 10 nf 47 nf canh canl test pcb gnd tx tja1050 active probe spectrum- analyzer fig.8 basic test set-up (with split termination) for electromagnetic emission measurement (see figs 9 and 10).
2003 oct 22 11 philips semiconductors product speci?cation high speed can transceiver tja1050 handbook, full pagewidth 50 80 0 02030 10 mgt231 40 f (mhz) 20 40 60 a (db m v) fig.9 typical electromagnetic emission up to 50 mhz (peak amplitude measurement). data rate of 500 kbits/s. handbook, full pagewidth 10 80 0 046 2 mgt233 8 f (mhz) 20 40 60 a (db m v) fig.10 typical electromagnetic emission up to 10 mhz (peak amplitude measurement and envelope on peak amplitudes). data rate of 500 kbits/s.
2003 oct 22 12 philips semiconductors product speci?cation high speed can transceiver tja1050 handbook, full pagewidth mgt230 30 w 30 w 50 w 4.7 nf canh canl test pcb gnd tx tja1050 rf voltmeter and power amplifier rf signal generator rx tja1050 fig.11 basic test set-up for electromagnetic immunity measurement (see fig.12). handbook, full pagewidth 0 30 v rf(rms) (v) 10 3 mgt232 10 2 10 1 f (mhz) 10 - 1 10 20 max rf voltage reached with no errors fig.12 typical electromagnetic immunity. data rate of 500 kbits/s.
2003 oct 22 13 philips semiconductors product speci?cation high speed can transceiver tja1050 bonding pad locations note 1. all x/y coordinates represent the position of the centre of each pad (in m m) with respect to the lefthand bottom corner of the top aluminium layer (see fig.13). symbol pad coordinates (1) xy txd 1 103 103 gnd 2 740 85 v cc 3 886.5 111 rxd 4 1371.5 111 v ref 5 1394 1094 canl 6 998 1115 canh 7 538.5 1115 s 8 103 1097 fig.13 bonding pad locations. handbook, halfpage mgs381 8 tja1050u 765 1 23 4 y x 0 0 test pad the backside of the bare die must be connected to ground.
2003 oct 22 14 philips semiconductors product speci?cation high speed can transceiver tja1050 package outline unit a max. a 1 a 2 a 3 b p cd (1) e (2) (1) eh e ll p qz y w v q references outline version european projection issue date iec jedec jeita mm inches 1.75 0.25 0.10 1.45 1.25 0.25 0.49 0.36 0.25 0.19 5.0 4.8 4.0 3.8 1.27 6.2 5.8 1.05 0.7 0.6 0.7 0.3 8 0 o o 0.25 0.1 0.25 dimensions (inch dimensions are derived from the original mm dimensions) notes 1. plastic or metal protrusions of 0.15 mm (0.006 inch) maximum per side are not included. 2. plastic or metal protrusions of 0.25 mm (0.01 inch) maximum per side are not included. 1.0 0.4 sot96-1 x w m q a a 1 a 2 b p d h e l p q detail x e z e c l v m a (a ) 3 a 4 5 pin 1 index 1 8 y 076e03 ms-012 0.069 0.010 0.004 0.057 0.049 0.01 0.019 0.014 0.0100 0.0075 0.20 0.19 0.16 0.15 0.05 0.244 0.228 0.028 0.024 0.028 0.012 0.01 0.01 0.041 0.004 0.039 0.016 0 2.5 5 mm scale so8: plastic small outline package; 8 leads; body width 3.9 mm sot96-1 99-12-27 03-02-18
2003 oct 22 15 philips semiconductors product speci?cation high speed can transceiver tja1050 soldering introduction to soldering surface mount packages this text gives a very brief insight to a complex technology. a more in-depth account of soldering ics can be found in our data handbook ic26; integrated circuit packages (document order number 9398 652 90011). there is no soldering method that is ideal for all surface mount ic packages. wave soldering can still be used for certain surface mount ics, but it is not suitable for fine pitch smds. in these situations reflow soldering is recommended. re?ow soldering reflow soldering requires solder paste (a suspension of fine solder particles, flux and binding agent) to be applied to the printed-circuit board by screen printing, stencilling or pressure-syringe dispensing before package placement. driven by legislation and environmental forces the worldwide use of lead-free solder pastes is increasing. several methods exist for reflowing; for example, convection or convection/infrared heating in a conveyor type oven. throughput times (preheating, soldering and cooling) vary between 100 and 200 seconds depending on heating method. typical reflow peak temperatures range from 215 to 270 c depending on solder paste material. the top-surface temperature of the packages should preferably be kept: below 220 c (snpb process) or below 245 c (pb-free process) C for all bga and ssop-t packages C for packages with a thickness 3 2.5 mm C for packages with a thickness < 2.5 mm and a volume 3 350 mm 3 so called thick/large packages. below 235 c (snpb process) or below 260 c (pb-free process) for packages with a thickness < 2.5 mm and a volume < 350 mm 3 so called small/thin packages. moisture sensitivity precautions, as indicated on packing, must be respected at all times. wave soldering conventional single wave soldering is not recommended for surface mount devices (smds) or printed-circuit boards with a high component density, as solder bridging and non-wetting can present major problems. to overcome these problems the double-wave soldering method was specifically developed. if wave soldering is used the following conditions must be observed for optimal results: use a double-wave soldering method comprising a turbulent wave with high upward pressure followed by a smooth laminar wave. for packages with leads on two sides and a pitch (e): C larger than or equal to 1.27 mm, the footprint longitudinal axis is preferred to be parallel to the transport direction of the printed-circuit board; C smaller than 1.27 mm, the footprint longitudinal axis must be parallel to the transport direction of the printed-circuit board. the footprint must incorporate solder thieves at the downstream end. for packages with leads on four sides, the footprint must be placed at a 45 angle to the transport direction of the printed-circuit board. the footprint must incorporate solder thieves downstream and at the side corners. during placement and before soldering, the package must be fixed with a droplet of adhesive. the adhesive can be applied by screen printing, pin transfer or syringe dispensing. the package can be soldered after the adhesive is cured. typical dwell time of the leads in the wave ranges from 3 to 4 seconds at 250 c or 265 c, depending on solder material applied, snpb or pb-free respectively. a mildly-activated flux will eliminate the need for removal of corrosive residues in most applications. manual soldering fix the component by first soldering two diagonally-opposite end leads. use a low voltage (24 v or less) soldering iron applied to the flat part of the lead. contact time must be limited to 10 seconds at up to 300 c. when using a dedicated tool, all other leads can be soldered in one operation within 2 to 5 seconds between 270 and 320 c.
2003 oct 22 16 philips semiconductors product speci?cation high speed can transceiver tja1050 suitability of surface mount ic packages for wave and re?ow soldering methods notes 1. for more detailed information on the bga packages refer to the (lf)bga application note (an01026); order a copy from your philips semiconductors sales office. 2. all surface mount (smd) packages are moisture sensitive. depending upon the moisture content, the maximum temperature (with respect to time) and body size of the package, there is a risk that internal or external package cracks may occur due to vaporization of the moisture in them (the so called popcorn effect). for details, refer to the drypack information in the data handbook ic26; integrated circuit packages; section: packing methods . 3. these transparent plastic packages are extremely sensitive to reflow soldering conditions and must on no account be processed through more than one soldering cycle or subjected to infrared reflow soldering with peak temperature exceeding 217 c 10 c measured in the atmosphere of the reflow oven. the package body peak temperature must be kept as low as possible. 4. these packages are not suitable for wave soldering. on versions with the heatsink on the bottom side, the solder cannot penetrate between the printed-circuit board and the heatsink. on versions with the heatsink on the top side, the solder might be deposited on the heatsink surface. 5. if wave soldering is considered, then the package must be placed at a 45 angle to the solder wave direction. the package footprint must incorporate solder thieves downstream and at the side corners. 6. wave soldering is suitable for lqfp, tqfp and qfp packages with a pitch (e) larger than 0.8 mm; it is definitely not suitable for packages with a pitch (e) equal to or smaller than 0.65 mm. 7. wave soldering is suitable for ssop, tssop, vso and vssop packages with a pitch (e) equal to or larger than 0.65 mm; it is definitely not suitable for packages with a pitch (e) equal to or smaller than 0.5 mm. 8. hot bar or manual soldering is suitable for pmfp packages. revision history package (1) soldering method wave reflow (2) bga, lbga, lfbga, sqfp, ssop-t (3) , tfbga, vfbga not suitable suitable dhvqfn, hbcc, hbga, hlqfp, hsqfp, hsop, htqfp, htssop, hvqfn, hvson, sms not suitable (4) suitable plcc (5) , so, soj suitable suitable lqfp, qfp, tqfp not recommended (5)(6) suitable ssop, tssop, vso, vssop not recommended (7) suitable pmfp (8) not suitable not suitable rev date cpcn description 4 20031013 - product speci?cation (9397 750 12157) modi?cation: added recommendation to connect unused pin s to ground added chapter revision history 3 20020516 - product speci?cation (9397 750 09778)
2003 oct 22 17 philips semiconductors product speci?cation high speed can transceiver tja1050 data sheet status notes 1. please consult the most recently issued data sheet before initiating or completing a design. 2. the product status of the device(s) described in this data sheet may have changed since this data sheet was published. the latest information is available on the internet at url http://www.semiconductors.philips.com. 3. for data sheets describing multiple type numbers, the highest-level product status determines the data sheet status. level data sheet status (1) product status (2)(3) definition i objective data development this data sheet contains data from the objective speci?cation for product development. philips semiconductors reserves the right to change the speci?cation in any manner without notice. ii preliminary data quali?cation this data sheet contains data from the preliminary speci?cation. supplementary data will be published at a later date. philips semiconductors reserves the right to change the speci?cation without notice, in order to improve the design and supply the best possible product. iii product data production this data sheet contains data from the product speci?cation. philips semiconductors reserves the right to make changes at any time in order to improve the design, manufacturing and supply. relevant changes will be communicated via a customer product/process change noti?cation (cpcn). definitions short-form specification ? the data in a short-form specification is extracted from a full data sheet with the same type number and title. for detailed information see the relevant data sheet or data handbook. limiting values definition ? limiting values given are in accordance with the absolute maximum rating system (iec 60134). stress above one or more of the limiting values may cause permanent damage to the device. these are stress ratings only and operation of the device at these or at any other conditions above those given in the characteristics sections of the specification is not implied. exposure to limiting values for extended periods may affect device reliability. application information ? applications that are described herein for any of these products are for illustrative purposes only. philips semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or modification. disclaimers life support applications ? these products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. philips semiconductors customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify philips semiconductors for any damages resulting from such application. right to make changes ? philips semiconductors reserves the right to make changes in the products - including circuits, standard cells, and/or software - described or contained herein in order to improve design and/or performance. when the product is in full production (status production), relevant changes will be communicated via a customer product/process change notification (cpcn). philips semiconductors assumes no responsibility or liability for the use of any of these products, conveys no licence or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified.
? koninklijke philips electronics n.v. 2003 sca75 all rights are reserved. reproduction in whole or in part is prohibited without the prior written consent of the copyright owne r. the information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. no liability will be accepted by the publisher for any consequence of its use. publication thereof does not con vey nor imply any license under patent- or other industrial or intellectual property rights. philips semiconductors C a worldwide company contact information for additional information please visit http://www.semiconductors.philips.com . fax: +31 40 27 24825 for sales of?ces addresses send e-mail to: sales.addresses@www.semiconductors.philips.com . printed in the netherlands r16/04/pp 18 date of release: 2003 oct 22 document order number: 9397 750 12157
english search typenumber about nxp | products | support | jobs | contact you are here: nxp product information products portal product selector contact i want to ... product information product catalog analog / linear audio automotive cellular handsets connectivity data/media/video processing discretes displays identification interface & control logic microcontrollers nexperia power management rf sensors storage/dvd distributors go here! general product information applications jobs news center company profile my semiconductors product description tja1050; high speed can transceiver on this page + general description + features + applications + application notes + datasheet + download datasheet + block diagram + parametrics + products and packages + pricing and availability + leadfree status + similar products + support and tools + email/translate + disclaimer general description the tja1050 is the interface between the controller area network (can) protocol controller and the physical bus. the device provides differential tr ansmit capability to the bus and differential receive capability to the can controller. the tja1050 is the third philips high-speed can transceiver after the pca82c250 and the pca82c251. the most important differences are: much lower electromagnetic emission due to optimal matchin g of the output signals canh and canl improved behaviour in case of an unpowered node no standby mode. this makes the tja1050 eminently suitable for use in nodes that are in a power-down situation in partially powered networks. features fully compatible with the ?iso 11898? standard high speed (up to 1 mbaud) very low electromagnetic emission (eme) differential receiver with wide common-mode range for high electromagnetic immunity (emi) an unpowered node does not disturb the bus lines transmit data (txd) dominant time-out function silent mode in which the transmitter is disabled bus pins protected against transients in an automotive environment input levels compatible wi th 3.3 v and 5 v devices thermally protected short-circuit proof to battery and to ground at least 110 nodes can be connected. application notes an00020:tja1050 can high-speed transceiver (date 25- apr-00) see also see the answers to faq's on certain fields of interest find nxp's equivalent of a competitor's part number view case studies on general applications or technologies request contact with a technical expert find more information on nxp's vision find out more about our ordering process receive e-news on specific interest areas datasheet datasheet title publication release date datasheet status page count file size (kb) datasheet tja1050; high speed can transceiver 22-oct-03 product specification 18 117 download blockdiagram(s) parametrics type number package supply voltage application configuration category features function operating temp. no. of packa g e material transceive r type products and packages pricing and availability leadfree status similar products support & tools page 1 of 3 tja1050; high speed can transceive r 23-nov-2006 mhtml:file://\\ g aruda\automation\automation _ cpr\10312006\phgl\tja1050.mht
more information find a group of products via the parametric search (iselection) find our sales offices worldwide email this product information + email this product information. disclaimer the information published on product in formation pages of the www.nxp.com or www.semiconductors.com websites is an extract from product data sheets and is for information purposes only. for detailed information please ch eck the most recent version of the relevant product data sheet as published on these websites. in the event of any conflict between product information pages and data sheets or deviations from information provided in the product data sheets on these product information pages, the information provided in the product data sheets shall prevail. the product status of the product(s) described in the product data sheet may have chan g ed since publication of the data sheet and therefore information in datasheets on product status may be outdated. the latest information on product status is published on the product information pages of the above-mentioned websites. as from october 1st, 2006 philips se miconductors has a new trade name: nxp semiconductors. references in data sheets: http://www.philips.semiconductors.com , shall now read as http://www.nxp.com contact information, is replaced with: - http://www.nxp.com (internet) - salesaddresses@nxp.com (e-mail) the copyright notice at the bottom of each page (? koninklijke philips electronics n.v. 200x. all rights reserved), shall now read: "? nxp b.v. 200x. all rights reserved" if you have any questions related to the data sheet, please contact our nearest sales office via e- mail or phone (details via salesaddresses@nxp.com ). thank you for your cooperation and understanding. (v) (cel) pins tja1050t/n1 sot96-1 (so8) 4.75 ~ 5.25 control devices hs-can transceiver transceiver iso11898- 2 compliant transceivers -40 ~ +125 8so8, bare die high speed tja1050u/n1 sot96-1 (so8) 4.75 ~ 5.25 control devices hs-can transceiver transceiver iso11898- 2 compliant transceivers -40 ~ +125 8so8, bare die high speed products and packages type number north american type number ordering code (12nc) marking packing package product status chemical content tja1050t/n1 tja1050td 9352 633 63112 standard marking tube sot96-1 (so8) full production tja1050td- t 9352 633 63118 standard marking reel pack, smd, 13" sot96-1 (so8) full production 9352 633 63518 standard marking reel dr y pack, smd, 13" sot96-1 (so8) full production tja1050u/n1 9352 633 64005 no marking chi p s on wafer, pre- sawn, on ffc sot96-1 (so8) full production + chemical content 9352 633 64027 no marking circuit element packed on reel 7" sot96-1 (so8) full production + chemical content pricing and availability type number north american type number ordering code (12nc) indicative price/unit ($) buy online tja1050t/n1 tja1050td 9352 633 63112 0.5953 + buy online TJA1050TD-T 9352 633 63118 0.7002 + buy online 9352 633 63518 not available not available tja1050u/n1 9352 633 64005 not available not available 9352 633 64027 not available not available is this pricing information helping you? leadfree status type number north american type number order ing code (12nc) leadfree conversion date tja1050t/n1 tja1050td 9352 633 63112 week 3, 2005 TJA1050TD-T 9352 633 63118 week 3, 2005 9352 633 63518 always pb-free tja1050u/n1 9352 633 64005 9352 633 64027 similar products tja1050 links to the similar products page containing an overview of products that are similar in function or related to the type number(s) as listed on this page. the similar products page includes products from the same catalog tree(s), relevant selection guides and products from the same functional category. support & tools high -speed can transceivers (date 2004-06-01) high-speed can transceivers (date 2005-04-01) philips -the vital link in the interconnected car (date 2004-06-01) the vital link in the interconnected car (date 2006-09-01) upgrading note pca82c250/251 -> tja1040, tja1050 (date 2001-11-20) your connection to i 2 c,uart,can,and us b connecting with philips wired connectivity (date 2005-04-01) philips -the vital link in the interconnected car (date 2004-06- 01) download product information data sheet product information chemical content package packing application notes support and tools philips -the vital link in the interconnected car (date 2004-06- 01) download product information data sheet product information chemical content package packing application notes support and tools page 2 of 3 tja1050; high speed can transceive r 23-nov-2006 mhtml:file://\\ g aruda\automation\automation _ cpr\10312006\phgl\tja1050.mht
nxp | privacy policy | terms of use ?2006 nxp semiconductors . all rights reserved. page 3 of 3 tja1050; high speed can transceive r 23-nov-2006 mhtml:file://\\ g aruda\automation\automation _ cpr\10312006\phgl\tja1050.mht


▲Up To Search▲   

 
Price & Availability of TJA1050TD-T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X